Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST62T55CM3 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce ST62T55CM3
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CM3 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button ST62T55CM3 Datasheet HTML 37Page - STMicroelectronics ST62T55CM3 Datasheet HTML 38Page - STMicroelectronics ST62T55CM3 Datasheet HTML 39Page - STMicroelectronics ST62T55CM3 Datasheet HTML 40Page - STMicroelectronics ST62T55CM3 Datasheet HTML 41Page - STMicroelectronics ST62T55CM3 Datasheet HTML 42Page - STMicroelectronics ST62T55CM3 Datasheet HTML 43Page - STMicroelectronics ST62T55CM3 Datasheet HTML 44Page - STMicroelectronics ST62T55CM3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
41/86
ST62T55C ST62T65C/E65C
I/O PORTS (Cont’d)
4.1.3 Timer 1 Alternate function Option
When bit TOUT of register TSCR1 is low, pin PC1/
Timer 1 is configured through the port registers as
any standard pin of Port B. It is in addition connect-
ed to the Timer 1 input for Gated and Event coun-
ter modes. When bit TOUT of register TSCR1 is
high, pin PC1/Timer 1 is forced as Timer 1 output,
independently of the port registers configuration.
4.1.4 AR Timer Alternate function Option
When bit PWMOE of register ARMC is low, pin AR-
TIMout/PB7 is configured as any standard pin of
port B through the port registers. When PWMOE is
high, ARTIMout/PB7 is the PWM output, independ-
ently of the port registers configuration.
ARTIMin/PB6 is connected to the AR Timer input.
It is configured through the port registers as any
standard pin of port B. To use ARTIMin/PB6 as AR
Timer input, it must be configured as input through
DDRB.
4.1.5 SPI Alternate function Option
PC2/PC4 are used as standard I/O as long as bit
SPCLK of the SPI Mode Register is kept low.
When PC2/Sin is configured as input, it is automat-
ically connected to the SPI shift register input, in-
dependent of the state at SPCLK.
PC3/SOUT is configured as SPI push-pull output
by setting bit 0 of the Miscellaneous register (ad-
dress DDh), regardless of the state of Port C reg-
isters. PC4/SCK is configured as push-pull output
clock (master mode) by programming it as push-
pull output through DDRC register and by setting
bit SPCLK of the SPI Mode Register.
PC4/SCK is configured as input clock (slave mode)
by programming it as input through DDRC register
and by clearing bit SPCLK of the SPI Mode Regis-
ter. With this configuration, PC4 can simultaneous-
ly be used as an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86