| Moteur de recherche de fiches techniques de composants électroniques |
|
LFSC Fiches technique(PDF) 23 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LFSC Fiches technique(HTML) 23 Page - Lattice Semiconductor |
|
23 / 237 page ![]() 2-19 Architecture Lattice Semiconductor LatticeSC/M Family Data Sheet Figure 2-20. Input Register Block 1 DDR/Shift Register Block Optional Adaptive Input Logic2 • DDR • DDR + half clock • DDR + shift x1 • DDR + shift x2 • DDR + shift x43 • Shift x1 • Shift x2 • Shift x43 To Routing INFF INDD INCK IPOS0 CLKDISABLE CLKENABLE IPOS1 INEG0 INEG1 LCLKIN (ECLK/SCLK) HCLKIN (ECLK/SCLK) Latch D-Type/ Latch Delay Block LOCK RUNAIL DI (from PURESPEED I/O Buffer) DCNTL[0:8] (From DLL) 1. UPDATE, Set and Reset not shown for clarity 2. Adaptive input logic is only available in selected PIO 3. By four shift modes utilize DDR/shift register block from paired PIO. 4. CLKDISABLE is used to block the transitions on the DQS pin during post-amble. Its main use is to disable DQS (typically found in DDR memory interfaces) or other clock signals. It can also be used to disable any/all input signals to save power. SDR Register/Latch Block |