Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST23YS02 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ST23YS02
Description  Smartcard MCU with enhanced security and 2 Kbytes high-density EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST23YS02 Fiches technique(HTML) 2 Page - STMicroelectronics

  ST23YS02 Datasheet HTML 1Page - STMicroelectronics ST23YS02 Datasheet HTML 2Page - STMicroelectronics ST23YS02 Datasheet HTML 3Page - STMicroelectronics ST23YS02 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
ST23YS02
2/4
1
Description
The ST23YS02 product is a serial access microcontroller specially designed for secure
smartcard applications.
It is based on an enhanced STMicroelectronics 8/16-bit CPU core offering 16 Mbytes linear
addressing space. It is manufactured using an advanced highly reliable ST CMOS EEPROM
technology.
Figure 1.
ST23YS02 block diagram
Ai12551
Internal Bus
I/O
IART
GND
8/16-bit
CPU
Core
2 x
8-bit
timers
CRC
Module
CLK
Clock
Gene-
rator
Module
Vcc
True
Random
Number
Gene-
rator
RAM
ST ROM
(Boot software)
Security
Monitor-
ing and
Control
RESET
EEPROM
EDES
Accelerator
User ROM
ST ROM Firewall



Html Pages

1 2 3 4