Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRT512 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 28Page - STMicroelectronics SRT512 Datasheet HTML 29Page - STMicroelectronics SRT512 Datasheet HTML 30Page - STMicroelectronics SRT512 Datasheet HTML 31Page - STMicroelectronics SRT512 Datasheet HTML 32Page - STMicroelectronics SRT512 Datasheet HTML 33Page - STMicroelectronics SRT512 Datasheet HTML 34Page - STMicroelectronics SRT512 Datasheet HTML 35Page - STMicroelectronics SRT512 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
SRT512 commands
SRT512
32/46
8.5
Completion() command
Command code = 0Fh
On receiving the Completion() command, an SRT512 in Selected state switches to
Deactivated state and stops decoding any new commands. The SRT512 is then locked in
this state until a complete reset (tag out of the field range). A new SRT512 can thus be
accessed through a Select() command without having to remove the previous one from the
field. The Completion() command does not generate a response.
All SRT512 devices not in Selected state ignore the Completion() command.
Figure 34.
Completion request format
Request parameters:
●
No parameter
Figure 35.
Completion response format
Figure 36.
Completion frame exchange between reader and SRT512
SOF
Completion
CRCL
CRCH
EOF
AI07679b
0Fh
8 bits
8 bits
AI07680
No Response
SOF
0Fh
CRCL
CRCH EOF
AI13511b
Reader
SRT512
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46