Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRIX4K Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 30Page - STMicroelectronics SRIX4K Datasheet HTML 31Page - STMicroelectronics SRIX4K Datasheet HTML 32Page - STMicroelectronics SRIX4K Datasheet HTML 33Page - STMicroelectronics SRIX4K Datasheet HTML 34Page - STMicroelectronics SRIX4K Datasheet HTML 35Page - STMicroelectronics SRIX4K Datasheet HTML 36Page - STMicroelectronics SRIX4K Datasheet HTML 37Page - STMicroelectronics SRIX4K Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
SRIX4K commands
SRIX4K
34/47
9.6
Reset_to_inventory() command
Command code = 0Ch
On receiving the Reset_to_inventory() command, all SRIX4K devices in Selected state
revert to Inventory state. The concerned SRIX4K devices are thus resubmitted to the
anticollision sequence. This command is useful when two SRIX4K devices with the same 8-
bit Chip_ID happen to be in Selected state at the same time. Forcing them to go through the
anticollision sequence again allows the reader to generates new Pcall16() commands and
so, to set new random Chip_IDs.
The Reset_to_inventory() command does not generate a response.
All SRIX4K devices that are not in Selected state ignore the Reset_to_inventory()
command.
Figure 39.
Reset_to_inventory request format
Request parameter:
●
No parameter
Figure 40.
Reset_to_inventory response format
Figure 41.
Reset_to_inventory frame exchange between reader and SRIX4K
SOF
Reset_to_inventory
CRCL
CRCH
EOF
AI07682b
0Ch
8 bits
8 bits
AI07680
No Response
SOF
0Ch
CRCL
CRCH EOF
AI07681
Reader
SRIX4K
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47