Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRIX4K Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button SRIX4K_08 Datasheet HTML 23Page - STMicroelectronics SRIX4K_08 Datasheet HTML 24Page - STMicroelectronics SRIX4K_08 Datasheet HTML 25Page - STMicroelectronics SRIX4K_08 Datasheet HTML 26Page - STMicroelectronics SRIX4K_08 Datasheet HTML 27Page - STMicroelectronics SRIX4K_08 Datasheet HTML 28Page - STMicroelectronics SRIX4K_08 Datasheet HTML 29Page - STMicroelectronics SRIX4K_08 Datasheet HTML 30Page - STMicroelectronics SRIX4K_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
SRIX4K
Anti-clone function
27/47
8
Anti-clone function
The SRIX4K provides an anti-clone function that allows the application to authentication the
device. This function uses reserved data that is stored in the SRIX4K memory at its time of
manufacture.
The Authentication system is based on a proprietary challenge/response mechanism which
allows the application software to authenticate any member of the secure memory tag
SRXxxx family from STMicroelectronics (of which the SRIX4K is the prime example). A
reader system, based on the ST CRX14 chip coupler, can check each SRIX4K tag for
authenticity, and protect the application system against silicon copies or emulators.
A complete description of the Authentication system is available under non disclosure
agreement (NDA) with STMicroelectronics. For more details about this SRIX4K function,
please contact your nearest STMicroelectronics sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47