| Moteur de recherche de fiches techniques de composants électroniques |
|
SRI4K Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRI4K Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 45 page ![]() SRI4K SRI4K commands 29/45 8.3 Slot_marker(SN) command Command code = x6h The SRI4K must be in Inventory state to interpret the Slot_marker(SN) command. The Slot_marker byte code is divided into two parts: ● b3 to b0: 4-bit command code with fixed value 6. ● b7 to b4: 4 bits known as the Slot_number (SN). They assume a value between 1 and 15. The value 0 is reserved by the Pcall16() command. On receiving the Slot_marker() command, the SRI4K compares its Chip_slot_number value with the Slot_number value given in the command code. If they match, the SRI4K returns its Chip_ID value. If not, the SRI4K does not send any response. The Slot_marker() command, used together with the Pcall16() command, allows the reader to search for all the Chip_IDs when there are more than one SRI4K device in Inventory state present in the reader field range. Figure 29. Slot_marker request format Request parameter: ● x: Slot number Figure 30. Slot_marker response format Response parameters: ● Chip_ID of the SRI4K Figure 31. Slot_marker frame exchange between reader and SRI4K SOF Slot_marker CRCL CRCH EOF AI07675b X6h 8 bits 8 bits SOF Chip_ID CRCL CRCH EOF AI07671 8 bits 8 bits 8 bits SOF X6h CRCL CRCH EOF AI10886 Reader SRI4K SOF Chip_ID CRCL CRCH EOF <-t0-><-t1-> |