Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QST508CB0 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce QST508CB0
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508CB0 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button QST508CB0 Datasheet HTML 7Page - STMicroelectronics QST508CB0 Datasheet HTML 8Page - STMicroelectronics QST508CB0 Datasheet HTML 9Page - STMicroelectronics QST508CB0 Datasheet HTML 10Page - STMicroelectronics QST508CB0 Datasheet HTML 11Page - STMicroelectronics QST508CB0 Datasheet HTML 12Page - STMicroelectronics QST508CB0 Datasheet HTML 13Page - STMicroelectronics QST508CB0 Datasheet HTML 14Page - STMicroelectronics QST508CB0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
QST108
QST touch sensing technology
11/51
3.9
Max On-Duration
The device can time out and automatically recalibrate each key independently after a fixed
duration of continuous touch detection. This prevents the keys from becoming ‘stuck on’ due
to foreign objects or other sudden influences. This is known as the Max On-Duration feature.
After recalibration, the key will continue to operate normally, even if partially or fully
obstructed. Max On-Duration works independently per channel: a timeout on one channel
has no effect on another channel.
Infinite timeout is useful in applications where a prolonged detection can occur and where
the output must reflect the detection no matter how long. In infinite timeout mode, the
designer should take care to ensure that drift in CS, CX, and VDD do not cause the device to
remain “stuck on” inadvertently even when the touching object is removed from the sense
field. Timeout durations are not accurate and can vary substantially depending on VDD and
temperature values, and should not be relied upon for critical functions.
3.10
Drift compensation
Signal drift can occur because of changes in CX, CS, and VDD over time. Depending on the
CS type and quality, the signal may vary substantially with temperature and veiling. If keys
are subject to extremes of temperature or humidity, the signal can also drift. It is crucial that
drift be compensated, otherwise false detections, non detections, and sensitivity shifts will
follow.
Drift compensation slowly corrects the reference level of each key while no detection is in
effect. The rate of reference adjustment must be performed slowly or else legitimate
detections can also be ignored. The device compensates drift on each channel
independently using a maximum compensation rate to the reference level.
Once a touch is sensed, the drift compensation mechanism ceases since the signal is
legitimately high, and therefore should not cause the reference level to change.
The signal drift compensation is “asymmetric”: the reference level compensates drift in one
direction faster than it does in the other. Specifically, it compensates faster for increasing
signals than for decreasing signals. Decreasing signals should not be compensated for
quickly, since an approaching finger could be compensated for partially or entirely while
approaching the sense electrode. However, an obstruction over the sense pad, for which the
sensor has already made full allowance, could suddenly be removed leaving the sensor with
an artificially elevated reference level and thus become insensitive to touch. In this latter
case, the sensor will compensate for the object's removal very quickly, usually in only a few
seconds.
Caution:
When only one key is enabled or if keys are very close together, the common drift
compensation must be disabled or its rate must be reduced to ensure correct device
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51