Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce RHFL4913
Description  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 11Page - STMicroelectronics RHFL4913 Datasheet HTML 12Page - STMicroelectronics RHFL4913 Datasheet HTML 13Page - STMicroelectronics RHFL4913 Datasheet HTML 14Page - STMicroelectronics RHFL4913 Datasheet HTML 15Page - STMicroelectronics RHFL4913 Datasheet HTML 16Page - STMicroelectronics RHFL4913 Datasheet HTML 17Page - STMicroelectronics RHFL4913 Datasheet HTML 18Page - STMicroelectronics RHFL4913 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Packaging
RHFL4913
16/19
9
Packaging
The RHFL4913 adjustable voltage regulator is available in a high thermal dissipation 16-pin
hermetic Flat package, the bottom flange of which is metallized to allow direct soldering to a
heat sink (efficient thermal conductivity). The device is also available in the SMD5C
hermetic ceramic package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19