| Moteur de recherche de fiches techniques de composants électroniques |
|
PM6680 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM6680 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 49 page ![]() Typical operating characteristics PM6680 18/49 Figure 19. 1.5 V soft start (0.25 Ω load) Figure 20. 1.05 V soft start (0.175 Ω load) Figure 21. 1.5 V soft end (No load) Figure 22. 1.05 V soft end (No load) Figure 23. 1.5 V soft end (1 Ω Load) Figure 24. 1.05 V soft end (1 Ω Load) |