Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6670STR Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce PM6670STR
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670STR Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button PM6670STR Datasheet HTML 45Page - STMicroelectronics PM6670STR Datasheet HTML 46Page - STMicroelectronics PM6670STR Datasheet HTML 47Page - STMicroelectronics PM6670STR Datasheet HTML 48Page - STMicroelectronics PM6670STR Datasheet HTML 49Page - STMicroelectronics PM6670STR Datasheet HTML 50Page - STMicroelectronics PM6670STR Datasheet HTML 51Page - STMicroelectronics PM6670STR Datasheet HTML 52Page - STMicroelectronics PM6670STR Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
PM6670S
Application information
49/53
Select C as shown:
Equation 52
Then calculate R in order to have enough ripple voltage on the integrator input:
Equation 53
Where RVESR is the new virtual output capacitor ESR. A good trade-off is to consider an
equivalent ESR of 30-50 m
Ω , even though the choice depends on inductor current ripple.
Then choose R1 as follows:
Equation 54
INT
C
5
C
⋅
>
C
R
L
R
VESR ⋅
=
Z
Z
f
C
1
R
f
C
1
R
1
R
π
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53