Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6670S Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 33Page - STMicroelectronics PM6670S Datasheet HTML 34Page - STMicroelectronics PM6670S Datasheet HTML 35Page - STMicroelectronics PM6670S Datasheet HTML 36Page - STMicroelectronics PM6670S Datasheet HTML 37Page - STMicroelectronics PM6670S Datasheet HTML 38Page - STMicroelectronics PM6670S Datasheet HTML 39Page - STMicroelectronics PM6670S Datasheet HTML 40Page - STMicroelectronics PM6670S Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
PM6670S
Device description
37/53
7.3
S3 and S5 power management pins
According to DDR2/3 memories supply requirements, the PM6670S can manage all S0 to
S5 system states by connecting S3-S5 pins to their respective sleep-mode signals in the
notebook motherboard.
Keeping S3 and S5 high, the S0 (Full-On) state is decoded and the outputs are alive.
In S3 state (S5 = 1, S3 = 0), the PM6670S maintains VDDQ and VTTREF outputs active
and VTT output in high-impedance as needed.
In S4/S5 states (S5 = S3 = 0) all outputs are turned off and, according to DSCG pin voltage,
the proper Soft-End is performed.
Table 11.
S3 and S5 sleep-states decoding
S3
S5
System state
VDDQ
VTTREF
VTT
1
1
S0 (Full-On)
OnOnOn
0
1
S3 (Suspend-To-RAM)
On
On
Off (Hi-Z)
0
0
S4/S5 (Suspend-To-Disk)
Off (Discharge)
Off (Discharge)
Off (Discharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53