Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC563TTR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M74HC563TTR
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT INVERTING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC563TTR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M74HC563TTR Datasheet HTML 4Page - STMicroelectronics M74HC563TTR Datasheet HTML 5Page - STMicroelectronics M74HC563TTR Datasheet HTML 6Page - STMicroelectronics M74HC563TTR Datasheet HTML 7Page - STMicroelectronics M74HC563TTR Datasheet HTML 8Page - STMicroelectronics M74HC563TTR Datasheet HTML 9Page - STMicroelectronics M74HC563TTR Datasheet HTML 10Page - STMicroelectronics M74HC563TTR Datasheet HTML 11Page - STMicroelectronics M74HC563TTR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M74HC563
9/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
Plastic DIP-20 (0.25) MECHANICAL DATA
P001J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12