Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC595 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce M74HC595
Description  8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC595 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button M74HC595 Datasheet HTML 8Page - STMicroelectronics M74HC595 Datasheet HTML 9Page - STMicroelectronics M74HC595 Datasheet HTML 10Page - STMicroelectronics M74HC595 Datasheet HTML 11Page - STMicroelectronics M74HC595 Datasheet HTML 12Page - STMicroelectronics M74HC595 Datasheet HTML 13Page - STMicroelectronics M74HC595 Datasheet HTML 14Page - STMicroelectronics M74HC595 Datasheet HTML 15Page - STMicroelectronics M74HC595 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
M74HC595
14/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.45
6.65
0.254
0.262
Bo
10.3
10.5
0.406
0.414
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16