Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC366TTR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M74HC366TTR
Description  HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC366TTR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M74HC366TTR Datasheet HTML 2Page - STMicroelectronics M74HC366TTR Datasheet HTML 3Page - STMicroelectronics M74HC366TTR Datasheet HTML 4Page - STMicroelectronics M74HC366TTR Datasheet HTML 5Page - STMicroelectronics M74HC366TTR Datasheet HTML 6Page - STMicroelectronics M74HC366TTR Datasheet HTML 7Page - STMicroelectronics M74HC366TTR Datasheet HTML 8Page - STMicroelectronics M74HC366TTR Datasheet HTML 9Page - STMicroelectronics M74HC366TTR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M74HC366
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
PO13H



Html Pages

1 2 3 4 5 6 7 8 9 10