Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P3NA50 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce P3NA50
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NA50 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button P3NA50 Datasheet HTML 2Page - STMicroelectronics P3NA50 Datasheet HTML 3Page - STMicroelectronics P3NA50 Datasheet HTML 4Page - STMicroelectronics P3NA50 Datasheet HTML 5Page - STMicroelectronics P3NA50 Datasheet HTML 6Page - STMicroelectronics P3NA50 Datasheet HTML 7Page - STMicroelectronics P3NA50 Datasheet HTML 8Page - STMicroelectronics P3NA50 Datasheet HTML 9Page - STMicroelectronics P3NA50 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.4
0.7
0.015
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
L2
L6
Ø
L3
123
L7
L4
ISOWATT220 MECHANICAL DATA
P011G
STP3NA50/FI
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10