| Moteur de recherche de fiches techniques de composants électroniques |
|
ECP2 Fiches technique(PDF) 154 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 Fiches technique(HTML) 154 Page - Lattice Semiconductor |
|
154 / 386 page ![]() 4-53 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet M20 PR16B 3 VREF2_3 C PR22B 3 VREF2_3/RDQ25 C VCCIO VCCIO3 3 VCCIO3 3 L21 PR16A 3 VREF1_3 T PR22A 3 VREF1_3/RDQ25 T K21 PR15B 3 PCLKC3_0 C (LVDS)* PR21B 3 PCLKC3_0/RDQ25 C (LVDS)* J21 PR15A 3 PCLKT3_0 T (LVDS)* PR21A 3 PCLKT3_0/RDQ25 T (LVDS)* M18 PR13B 2 PCLKC2_0/RDQ10 C PR19B 2 PCLKC2_0/RDQ16 C GNDIO GNDIO2 - GNDIO2 - L17 PR13A 2 PCLKT2_0/RDQ10 T PR19A 2 PCLKT2_0/RDQ16 T L19 PR12B 2 RDQ10 C (LVDS)* PR18B 2 RDQ16 C (LVDS)* K18 PR10B 2 RDQ10 C (LVDS)* PR16B 2 RDQ16 C (LVDS)* L20 PR12A 2 RDQ10 T (LVDS)* PR18A 2 RDQ16 T (LVDS)* VCCIO VCCIO2 2 VCCIO2 2 K19 PR10A 2 RDQS10 T (LVDS)* PR16A 2 RDQS16 T (LVDS)* L18 PR11B 2 RDQ10 C PR17B 2 RDQ16 C K17 PR11A 2 RDQ10 T PR17A 2 RDQ16 T GNDIO GNDIO2 - GNDIO2 - J17 PR8B 2 RDQ10 C (LVDS)* PR14B 2 RDQ16 C (LVDS)* G22 PR9B 2 RDQ10 C PR15B 2 RDQ16 C J18 PR8A 2 RDQ10 T (LVDS)* PR14A 2 RDQ16 T (LVDS)* F22 PR9A 2 RDQ10 T PR15A 2 RDQ16 T VCCIO VCCIO2 2 VCCIO2 2 H21 PR6B 2 RDQ10 C (LVDS)* PR12B 2 RDQ16 C (LVDS)* K20 PR7B 2 RDQ10 C PR13B 2 RDQ16 C G21 PR6A 2 RDQ10 T (LVDS)* PR12A 2 RDQ16 T (LVDS)* J19 PR7A 2 RDQ10 T PR13A 2 RDQ16 T D22 NC - PR10B 2 RDQ8 C (LVDS)* F21 NC - PR11B 2 RDQ8 C - - - GNDIO - E21 NC - PR10A 2 RDQ8 T (LVDS)* E22 NC - PR11A 2 RDQ8 T H19 NC - PR8B 2 RDQ8 C (LVDS)* G20 NC - PR9B 2 RDQ8 C - - - VCCIO2 2 G19 NC - PR8A 2 RDQS8 T (LVDS)* F20 NC - PR9A 2 RDQ8 T G17 PR5B 2 C PR7B 2 RDQ8 C GNDIO GNDIO2 - GNDIO2 - E20 PR4B 2 C (LVDS)* PR6B 2 RDQ8 C (LVDS)* F19 PR5A 2 T PR7A 2 RDQ8 T D20 PR4A 2 T (LVDS)* PR6A 2 RDQ8 T (LVDS)* F18 PR3B 2 C PR5B 2 RDQ8 C VCCIO VCCIO2 2 VCCIO2 2 C21 NC - PR4B 2 RDQ8 C (LVDS)* F16 PR3A 2 T PR5A 2 RDQ8 T C22 NC - PR4A 2 RDQ8 T (LVDS)* LFE2-12E/SE and LFE2-20E/SE Logic Signal Connections: 484 fpBGA LFE2-12E/12SE LFE2-20E/20SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |