Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMDBB45W Fiches technique(PDF) 4 Page - SunLED Corporation

No de pièce ZMDBB45W
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDBB45W Fiches technique(HTML) 4 Page - SunLED Corporation

  ZMDBB45W Datasheet HTML 1Page - SunLED Corporation ZMDBB45W Datasheet HTML 2Page - SunLED Corporation ZMDBB45W Datasheet HTML 3Page - SunLED Corporation ZMDBB45W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.SunLED.com
Published Date : MAY 22, 2006
Drawing No : SDSA4995
V2
Checked : B.L.LIU
P.4/4
Part Number:
ZMDBB45W
3.5x2.8mm SURFACE MOUNT LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: ±0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4