Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XZMD91W Fiches technique(PDF) 3 Page - SunLED Corporation

No de pièce XZMD91W
Description  4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMD91W Fiches technique(HTML) 3 Page - SunLED Corporation

  XZMD91W Datasheet HTML 1Page - SunLED Corporation XZMD91W Datasheet HTML 2Page - SunLED Corporation XZMD91W Datasheet HTML 3Page - SunLED Corporation XZMD91W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SunLED.com
Published Date : FEB 27,2008
Drawing No : SDSA6425
V1
Checked : B.L.LIU
P.3/4
Part Number:
XZMD91W
4.0x3.0mm RIGHT ANGLE SMD CHIP LED
LAMP
Tape Specification (Units : mm)
Recommended Soldering Pattern
(Units : mm;Tolerance:± 0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4