Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC157B1 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce M74HC157B1
Description  QUAD 2 CHANNEL MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC157B1 Fiches technique(HTML) 2 Page - STMicroelectronics

  M74HC157B1 Datasheet HTML 1Page - STMicroelectronics M74HC157B1 Datasheet HTML 2Page - STMicroelectronics M74HC157B1 Datasheet HTML 3Page - STMicroelectronics M74HC157B1 Datasheet HTML 4Page - STMicroelectronics M74HC157B1 Datasheet HTML 5Page - STMicroelectronics M74HC157B1 Datasheet HTML 6Page - STMicroelectronics M74HC157B1 Datasheet HTML 7Page - STMicroelectronics M74HC157B1 Datasheet HTML 8Page - STMicroelectronics M74HC157B1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M74HC157
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1
SELECT
Common Data Select
Input
2, 5, 11, 14
1A to 4A
Data Inputs From
Source A
3, 6, 10, 13
1B to 4B
Data Inputs From
Source B
4, 7, 9, 12
1Y to 4Y
Multiplexer Output
15
STROBE
Strobe Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
STROBE
SELECT
A
B
Y
HX
XX
L
LLL
X
L
LL
H
X
H
LH
X
L
L
LH
X
H
H



Html Pages

1 2 3 4 5 6 7 8 9