| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7476 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7476 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 19 page ![]() 13/19 TDA7476 READ BYTE 1 READ BYTE 2 READ BYTE 3 Repetitive turn-on diagnostic During the turn-on diagnostic, the TDA7476 can reveal false "short circuit across load" and/or false "open load" due to noise sources such as door slams. This problem can be solved doing more than one turn-on diagnostic routine. If the µP asks for N times the state of the audio system, it has to consider a fault as really present only if it is detected in all the N turn-on diagnos- tic.As above explained, the first time the TDA7476 receivers the byte ADD1, it does the turn-on diagnostic; then each time it is addessed with ADD1, it does the permanent diagnostic. This is not true if, when the µP sends for the first time the byte ADD2, it does not send to the TDA7476 the acknowledge after it has received the byte BYTE3. In this case, the TDA7476 does not switch from turn-on to permanent diagnostic mode so if it receives again the byte ADD1 it works as it was the first time that it does the turn-on diagnostic. In order to do repetitive turn-on diagnostic, the mP has to be programmed as following: s Step 1: the µP sends ADD1 s Step 2: the µP waits Twait1 seconds s Step 3: the µP sends ADD2, receives BYTE1, BYTE2, BYTE3, does not send the acknowlegde after BYTE3 MSB LSB STATUS D7 D6 D5 D4 D3 D2 D1 D0 0 0 X X 1 1 X 0 CH1 short circuit to Vs 0 0 X X 1 1 0 X CH1 short circuit to GND 00 X X 1 111 00 X X 1 111 0 0 X 0 1 1 X X CH2 short circuit to Vs 0 0 0 X 1 1 X X CH2 short circuit to GND 00 111 1 X X 00 111 1 X X 1 1 X X 1 1 X 0 CH3 short circuit to Vs 1 1 X X 1 1 0 X CH3 short circuit to GND 11 X X 1 111 11 X X 1 111 1 1 X 0 1 1 X X CH4 short circuit to Vs 1 1 0 X 1 1 X X CH4 short circuit to GND 11 111 1 X X 11 111 1 X X 1 1 X X X X 1 0 AUX1 short circuit to GND 1 1 X X X X 0 1 AUX1 open load 1 1 X X 1 0 X X AUX2 short circuit to GND 1 1 X X 0 1 X X AUX2 open load 1 1 X 0 X X X X CH5 short circuit to Vs 1 1 0 X X X X X CH5 short circuit to GND 11 11 X X X X 11 11 X X X X START ADD1 ACK ACK |