| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7449 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7449 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() 9/19 TDA7449 Figure 14. Acknowledge on the I2CBUS 5 SOFTWARE SPECIFICATION 5.1 Interface Protocol The interface protocol comprises: ■ A start condition (S) ■ A chip address byte, containing the TDA7449 address ■ A subaddress bytes ■ A sequence of data (N byte + acknowledge) ■ A stop condition (P) Figure 15. ACK = Acknowledge S = Start P = Stop A = Address B = Auto Increment 6 EXAMPLES 6.1 No Incremental Bus The TDA7449 receives a start condition, the correct chip address, a subaddress with the B = 0 (no incre- mental bus), N-data (all these data concern the subaddress selected), a stop condition. Figure 16. SCL 1 MSB 23789 SDA START ACKNOWLEDGMENT FROM RECEIVER D99AU1033 S 1 0 0 0 1 0 0 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D96AU420 X DATA SUBADDRESS DATA 1 to DATA n X X B S 1 0 0 0 1 0 0 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D96AU421 X D3 SUBADDRESS DATA X X 0 D2 D1 D0 |