Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF01 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STCF01
Description  Step-up converter for cell phone camera flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STCF01_06 Datasheet HTML 8Page - STMicroelectronics STCF01_06 Datasheet HTML 9Page - STMicroelectronics STCF01_06 Datasheet HTML 10Page - STMicroelectronics STCF01_06 Datasheet HTML 11Page - STMicroelectronics STCF01_06 Datasheet HTML 12Page - STMicroelectronics STCF01_06 Datasheet HTML 13Page - STMicroelectronics STCF01_06 Datasheet HTML 14Page - STMicroelectronics STCF01_06 Datasheet HTML 15Page - STMicroelectronics STCF01_06 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STCF01
Package mechanical data
13/16
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.70
25.6
A3
0.20
7.9
b
0.18
0.23
0.30
7.1
9.1
11.8
D
3.00
118.1
D2
2.21
2.26
2.31
87.0
89.0
91.0
E
3.00
118.1
E2
1.29
1.34
1.39
50.8
52.8
54.8
e
0.50
19.7
L
0.45
0.55
0.65
17.7
21.7
25.6
DFN10 (3x3) MECHANICAL DATA
7426335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16