| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7439 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7439 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 23 page ![]() I2C bus interface TDA7439 12/23 Figure 12. Timing diagram of the data on the I2C bus Figure 13. Timing diagram of the start/stop Figure 14. Timing diagram of the acknowledge 4.6 Interface protocol The interface protocol comprises: " a start condition (S) " a chip-address byte, containing the TDA7439 address " a sub-address byte including an auto address-increment bit " a sequence of data bytes (N bytes + acknowledge) " a stop condition (P). Figure 15. SDA addressing and data SCL SDA Data can change Data stable when clock high when clock low SCL SDA Stop Start SCL SDA Acknowledge Start 9 8 6 7 2 1 MSB from receiver S 1 0 0 0 1 0 0 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D96AU420 X DATA SUBADDRESS DATA 1 to DATA n X X B S = Start, ACK = Acknowledge, B = Auto increment, P = Stop |