Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7430TR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TDA7430TR
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430TR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TDA7430TR Datasheet HTML 9Page - STMicroelectronics TDA7430TR Datasheet HTML 10Page - STMicroelectronics TDA7430TR Datasheet HTML 11Page - STMicroelectronics TDA7430TR Datasheet HTML 12Page - STMicroelectronics TDA7430TR Datasheet HTML 13Page - STMicroelectronics TDA7430TR Datasheet HTML 14Page - STMicroelectronics TDA7430TR Datasheet HTML 15Page - STMicroelectronics TDA7430TR Datasheet HTML 16Page - STMicroelectronics TDA7430TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
TDA7430 - TDA7431
Table 9. SURROUND SELECTION
Table 10. PHASE RESISTOR SELECTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
SURROUND MODE
00
SIMULATED
01
MUSIC
10
OFF
11
MOVIE
OUT
0VAR
1FIX
EFFECT CONTROL
0
000
-6
0
001
-7
0
010
-8
0
011
-9
0
100
-10
0
101
-11
0
110
-12
0
111
-13
1
000
-14
1
001
-15
1
010
-16
1
011
-17
1
100
-18
1
101
-19
1
110
-20
1
111
-21
MSB
LSB
SURROUND PHASE
RESISTOR
D7
D6
D5
D4
D3
D2
D1
D0
PHASE SHIFT 1 (K
Ω)
00
12
01
14
10
18
11
37
PHASE SHIFT 2 (K
Ω)
00
6
01
7
10
8
11
18
PHASE SHIFT 3 (K
Ω)
00
12
01
14
10
18
11
39
PHASE SHIFT 4 (K
Ω)
00
12
01
14
10
18
11
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23