Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4962 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 2Page - STMicroelectronics TS4962_07 Datasheet HTML 3Page - STMicroelectronics TS4962_07 Datasheet HTML 4Page - STMicroelectronics TS4962_07 Datasheet HTML 5Page - STMicroelectronics TS4962_07 Datasheet HTML 6Page - STMicroelectronics TS4962_07 Datasheet HTML 7Page - STMicroelectronics TS4962_07 Datasheet HTML 8Page - STMicroelectronics TS4962_07 Datasheet HTML 9Page - STMicroelectronics TS4962_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Absolute maximum ratings and operating conditions
TS4962
6/46
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1), (2)
1.
Caution: This device is not protected in the event of abnormal operating conditions such as, for example,
short-circuiting between any one output pin and ground, between any one output pin and VCC, and
between individual output pins.
2.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage (3)
3.
The magnitude of the input signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
DFN8 package
120
°C/W
Pd
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves during a long period will provoke abnormal operation.
ESD
Human body model
2
kV
ESD
Machine model
200
V
Latch-up
Latch-up immunity
200
mA
VSTBY
Standby pin voltage maximum voltage (5)
5.
The magnitude of the standby signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Lead temperature (soldering, 10sec)
260
°C
Table 2.
Dissipation ratings
Package
Derating factor
Power rating @25°C
Power rating @ 85°C
DFN8
20 mW / °C
2.5 W
1.3 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46