| Moteur de recherche de fiches techniques de composants électroniques |
|
TS2012EIJT Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS2012EIJT Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 31 page ![]() Electrical characteristics TS2012FC 8/31 tWU Total wake-up time(2) 9 13 16.5 ms tSTBY Standby time(2) 11 15.8 20 ms VN Output voltage noise f = 20Hz to 20kHz, RL=8Ω Unweighted (filterless, G=6dB) A-weighted (filterless, G=6dB) Unweighted (with LC output filter, G=6dB) A-weighted (with LC output filter, G=6dB) Unweighted (filterless, G=24dB) A-weighted (filterless, G=24dB) Unweighted (with LC output filter, G=24dB) A-weighted (with LC output filter, G=24dB) 61 31 59 31 87 52 87 53 µVRMS 1. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ f = 217 Hz. 2. See Section 4.6: Wake-up time (tWU) and shutdown time (tSTBY) on page 23 Table 5. VCC = +5V, GND = 0V, Vic=2.5V, Tamb = 25°C (unless otherwise specified) (continued) Symbol Parameters and test conditions Min. Typ. Max. Unit |