Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2012IQT Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce TS2012IQT
Description  Filter-free stereo 2x2.8W class D audio power amplifer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012IQT Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button TS2012IQT Datasheet HTML 22Page - STMicroelectronics TS2012IQT Datasheet HTML 23Page - STMicroelectronics TS2012IQT Datasheet HTML 24Page - STMicroelectronics TS2012IQT Datasheet HTML 25Page - STMicroelectronics TS2012IQT Datasheet HTML 26Page - STMicroelectronics TS2012IQT Datasheet HTML 27Page - STMicroelectronics TS2012IQT Datasheet HTML 28Page - STMicroelectronics TS2012IQT Datasheet HTML 29Page - STMicroelectronics TS2012IQT Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package information
TS2012
28/30
Figure 48.
QFN20 package footprint
Note:
The QFN20 package has an exposed pad E2 x D2. For enhanced thermal performance, the
exposed pad must be soldered to a copper area on the PCB, acting as a heatsink. This
copper area can be electrically connected to pin 4, 12, 18 (PGND, AGND) or left floating.
Table 10.
QFN20 package mechanical data
Ref
Dimensions in mm
Min
Typ
Max
A0.8
0.9
1
A1
0.02
0.05
A2
0.65
1
A3
0.25
b
0.18
0.23
0.3
D
3.85
4
4.15
D2
2.6
E
3.85
4
4.15
E2
2.6
e
0.45
0.5
0.55
L0.3
0.4
0.5
ddd
0.08
A4.55
B4.55
C0.50
D0.35
E0.65
F2.45
G0.40
FOOTPRINT DATA (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30