Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7513T Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 51Page - STMicroelectronics TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics TDA7513T Datasheet HTML 56Page - STMicroelectronics TDA7513T Datasheet HTML 57Page - STMicroelectronics TDA7513T Datasheet HTML 58Page - STMicroelectronics TDA7513T Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
TDA7513T
Software specifications
55/84
Note: 1 fOSC/fTIM = LSB + MSB + 1
Table 44.
Subaddress 10: IF counter reference (LSB)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
0
0
0
LSB = 0
00
00
0
0
0
1
LSB = 1
00
00
0
0
1
0
LSB = 2
11
11
1
1
0
0
LSB = 252
11
11
1
1
0
1
LSB = 253
11
11
1
1
1
0
LSB = 254
11
11
1
1
1
1
LSB = 255
Table 45.
Subaddress 11: IF counter reference (MSB) and IF counter mode select
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
00
00
MSB = 0
0
0
00
01
MSB = 256
0
0
00
10
MSB = 512
1
1
1
1
0
1
MSB = 15616
1
1
1
1
1
0
MSB = 15872
1
1
1
1
1
1
MSB = 16128
IF counter mode
0
0
not valid
0
1
IF counter FM mode (10.7KHz)
1
0
IF counter AM mode (450KHz)
0
0
not valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84