Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7501 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button TDA7501_07 Datasheet HTML 17Page - STMicroelectronics TDA7501_07 Datasheet HTML 18Page - STMicroelectronics TDA7501_07 Datasheet HTML 19Page - STMicroelectronics TDA7501_07 Datasheet HTML 20Page - STMicroelectronics TDA7501_07 Datasheet HTML 21Page - STMicroelectronics TDA7501_07 Datasheet HTML 22Page - STMicroelectronics TDA7501_07 Datasheet HTML 23Page - STMicroelectronics TDA7501_07 Datasheet HTML 24Page - STMicroelectronics TDA7501_07 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TDA7501
Software specification for both modes
21/29
Table 9.
Input selector 1R, bits D2 ..D0 (subaddresses 1)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
source select
CDR
Phone/FDL
Navigation/FDR
Phone/Navigation mix
CassR
MPX-RDS
FM (or MPX1/MPX2 in Dual MPX
mode)
AM-spikes
Table 10.
Input selector 2L, bits D2 ..D0 (subaddresses 2)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
source select
CDL
Phone/FDL
Navigation/FDR
Phone/Navigation mix
CassL
AM
FM-level
AM-level
Table 11.
Input selector 2R, bits D2 ..D0 (subaddresses 3)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
source select
CDR
Phone/FDL
Navigation/FDR
Phone/Navigation mix
CassR
MPX-RDS
FM (or MPX1/MPX2 in Dual MPX
mode)
AM-spikes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29