| Moteur de recherche de fiches techniques de composants électroniques |
|
M48T58 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T58 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 31 page ![]() M48T58, M48T58Y Write mode 13/31 Table 4. Write mode AC characteristics Symbol Parameter(1) 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted). M48T58/Y Unit Min Max tAVAV WRITE Cycle Time 70 ns tAVWL Address Valid to WRITE Enable Low 0 ns tAVE1L Address Valid to Chip Enable 1 Low 0 ns tAVE2H Address Valid to Chip Enable 2 High 0 ns tWLWH WRITE Enable Pulse Width 50 ns tE1LE1H Chip Enable 1 Low to Chip Enable 1 High 55 ns tE2HE2L Chip Enable 2 High to Chip Enable 2 Low 55 ns tWHAX WRITE Enable High to Address Transition 0 ns tE1HAX Chip Enable 1 High to Address Transition 0 ns tE2LAX Chip Enable 2 Low to Address Transition 0 ns tDVWH Input Valid to WRITE Enable High 30 ns tDVE1H Input Valid to Chip Enable 1 High 30 ns tDVE2L Input Valid to Chip Enable 2 Low 30 ns tWHDX WRITE Enable High to Input Transition 5 ns tE1HDX Chip Enable 1 High to Input Transition 5 ns tE2LDX Chip Enable 2 Low to Input Transition 5 ns tWLQZ (2)(3) 2. CL = 5pF. 3. If E1 goes low or E2 high simultaneously with W going low, the outputs remain in the high impedance state. Write Enable Low to Output Hi-Z 25 ns tAVWH Address Valid to WRITE Enable High 60 ns tAVE1H Address Valid to Chip Enable 1 High 60 ns tAVE2L Address Valid to Chip Enable 2 Low 60 ns tWHQX (2)(3) WRITE Enable High to Output Transition 5 ns |