| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7374 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7374 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 19 page ![]() Output stage TDA7374 16/19 3.6.1 General Information In the application shown in Figure 23 the TDA7302 audioprocessor works on PC IBM compatible. Control is accomplished by serial bus (S-bus or I2C bus or SPI bus) sent to the test board through the PC parallel port. The PC simulates the behaviour of the microprocessor in a real application (for example in a car radio) and the buffer is necessary only in this application for protecting the PC. Figure 23. Application with TDA7302 + TDA7374 |