Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7402 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 63Page - STMicroelectronics TDA7402 Datasheet HTML 64Page - STMicroelectronics TDA7402 Datasheet HTML 65Page - STMicroelectronics TDA7402 Datasheet HTML 66Page - STMicroelectronics TDA7402 Datasheet HTML 67Page - STMicroelectronics TDA7402 Datasheet HTML 68Page - STMicroelectronics TDA7402 Datasheet HTML 69Page - STMicroelectronics TDA7402 Datasheet HTML 70Page - STMicroelectronics TDA7402 Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
TDA7402
I2C bus interface
67/71
Note:
This byte is used for testing or evaluation purposes only and must not set to other values
than "11111100" in the application!
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Test signals
F228
NB threshold
Level for stereo blend
Pilot magnitude
VHCCL
Pilot threshold
VHCCH
REF5V
HOLDN
NB peak
AM rectifier
VCOCON; VCO control voltage
VSBL
Pilot threshold
Level for high cut
REF5V
0
1
Audioprocessor oscillator
Off
On
1
must be "1"
Table 38.
Testing stereo decoder (31) (continued)
MSB
LS
B
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71