| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7403 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7403 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 25 page ![]() Bass & Treble Attenuation MSB LSB BASS & TREBLE ATTENUATION D7 D6 D5 D4 D3 D2 D1 D0 0 0 : 0 0 1 1 : 1 1 0 0 : 1 1 1 1 : 0 0 0 0 : 1 1 1 1 : 0 0 0 1 : 0 1 1 0 : 1 0 Treble Steps -14dB -12dB : -2dB 0dB 0dB +2dB : +12dB +14dB 0 0 : 0 0 1 1 : 1 1 0 0 : 1 1 1 1 : 0 0 0 0 : 1 1 1 1 : 0 0 0 1 : 0 1 1 0 : 1 0 Bass Steps -14dB -12dB : -2dB 0dB 0dB +2dB : +12dB +14dB For example 12dB Treble and -8dB Bass give the following DATA BYTE : 0 0 1 1 1 0 0 1. Bass & Treble Filter Characteristics MSB LSB BASS & TREBLE FILTER D7 D6 D5 D4 D3 D2 D1 D0 0 0 1 1 0 1 0 1 Treble Center Frequency = 10 KHz Center Frequency = 12.5 KHz Center Frequency = 15 KHz Center Frequency = 17.5 KHz 0 1 1 0 0 1 1 1 0 1 0 1 0 0 1 1 1 0 1 0 1 1 Bass Center Frequency = 60 Hz Center Frequency = 70 Hz Center Frequency = 80 Hz Center Frequency = 100Hz Center Frequency = 150Hz Quality factor = 1 Quality factor = 1.25 Quality factor = 1.5 Quality factor = 2 DC-Gain = 0dB DC-Gain = ±4.4dB 1 must be "1" For example Treble center frequency = 15kHz, Bass center frequency = 100Hz, Bass Q = 1 and DC = 0dB give the following DATA BYTE: 1 0 0 0 1 1 1 0 TDA7403 20/25 |