Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN800STR-E Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce VN800STR-E
Description  HIGH SIDE DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800STR-E Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button VN800STR-E Datasheet HTML 15Page - STMicroelectronics VN800STR-E Datasheet HTML 16Page - STMicroelectronics VN800STR-E Datasheet HTML 17Page - STMicroelectronics VN800STR-E Datasheet HTML 18Page - STMicroelectronics VN800STR-E Datasheet HTML 19Page - STMicroelectronics VN800STR-E Datasheet HTML 20Page - STMicroelectronics VN800STR-E Datasheet HTML 21Page - STMicroelectronics VN800STR-E Datasheet HTML 22Page - STMicroelectronics VN800STR-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
VN800S-E / VN800PT-E
PACKAGE MECHANICAL
Table 15. SO-8 Mechanical Data
Figure 33. SO-8 Package Dimensions
Symbol
millimeters
Min
Typ
Max
A
1.75
a1
0.1
0.25
a2
1.65
a3
0.65
0.85
b
0.35
0.48
b1
0.19
0.25
C
0.25
0.5
c1
45 (typ.)
D4.8
5
E5.8
6.2
e1.27
e3
3.81
F3.8
4
L
0.4
1.27
M
0.6
S
8 (max.)
L1
0.8
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24