Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6924U Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 17Page - STMicroelectronics L6924U Datasheet HTML 18Page - STMicroelectronics L6924U Datasheet HTML 19Page - STMicroelectronics L6924U Datasheet HTML 20Page - STMicroelectronics L6924U Datasheet HTML 21Page - STMicroelectronics L6924U Datasheet HTML 22Page - STMicroelectronics L6924U Datasheet HTML 23Page - STMicroelectronics L6924U Datasheet HTML 24Page - STMicroelectronics L6924U Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
L6924U
Applications information: charging process
21/38
IEND pin is also used to monitor the charge current, because the current injected in REND is
proportional to the charge current. The voltage across REND can be used by a
microcontroller to check the charge status like a gas gauge.
7.6
Recharge flow chart
Figure 14.
Recharge flow chart
7.7
Recharge threshold
When, from an end-of-charge condition, the battery voltage goes below the recharging
threshold (VRCH), the device goes back in charging state. The value of the recharge
threshold is 4.05 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38