Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP20N10 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STP20N10
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20N10 Fiches technique(HTML) 6 Page - STMicroelectronics

  STP20N10 Datasheet HTML 1Page - STMicroelectronics STP20N10 Datasheet HTML 2Page - STMicroelectronics STP20N10 Datasheet HTML 3Page - STMicroelectronics STP20N10 Datasheet HTML 4Page - STMicroelectronics STP20N10 Datasheet HTML 5Page - STMicroelectronics STP20N10 Datasheet HTML 6Page - STMicroelectronics STP20N10 Datasheet HTML 7Page - STMicroelectronics STP20N10 Datasheet HTML 8Page - STMicroelectronics STP20N10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Switching Safe Operating Area
Accidental Overload Area
Source-drain Diode Forward Characteristics
Fig. 1: Unclamped Inductive Load Test Circuits
Fig. 2: Unclamped Inductive Waveforms
STP20N10
6/9



Html Pages

1 2 3 4 5 6 7 8 9