Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6732 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 11Page - STMicroelectronics L6732 Datasheet HTML 12Page - STMicroelectronics L6732 Datasheet HTML 13Page - STMicroelectronics L6732 Datasheet HTML 14Page - STMicroelectronics L6732 Datasheet HTML 15Page - STMicroelectronics L6732 Datasheet HTML 16Page - STMicroelectronics L6732 Datasheet HTML 17Page - STMicroelectronics L6732 Datasheet HTML 18Page - STMicroelectronics L6732 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
L6732
Device description
15/37
The L6732 can sink or source current after the soft-start phase (see Figure 9.). If an over
current is detected during the soft-start phase, the device provides a constant-current-
protection. In this way, in case of short soft-start time and/or small inductor value and/or high
output capacitors value and so, in case of high ripple current during the soft-start, the
converter can start in any case, limiting the current (see section 4.6 monitoring and
protections) but not entering in HICCUP mode.
During normal operation, if any under-voltage is detected on one of the two supplies, the SS
pin is internally shorted to GND and so the SS capacitor is rapidly discharged.
Figure 8.
Start-up with pre-bias
Figure 9.
Inductor current during and after soft-start
VSS
IL
VOUT
LGate
VOUT
IL
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37