| Moteur de recherche de fiches techniques de composants électroniques |
|
L6725 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6725 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 32 page ![]() L6725 - L6725A Application details 21/32 ● Modulator singularity frequencies: ● Compensation network singularity frequencies: ● Compensation network design: – Put the gain R5/R3 in order to obtain the desired converter bandwidth: – Place ω Z1 before the output filter resonance ωLC; – Place ω Z2 at the output filter resonance ωLC; – Place ω P1 at the output capacitor ESR zero ωESR; – Place ω P2 at one half of the switching frequency; – Check the loop gain considering the error amplifier open loop gain. Figure 15. Asymptotic Bode plot of Converter's open loop gain Cout L LC ⋅ = 1 ω Cout ESR ESR ⋅ = 1 ω (8) (9) ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ + ⋅ ⋅ = 19 18 19 18 5 1 1 C C C C R P ω 20 4 2 1 C R P ⋅ = ω (10) (11) 19 5 1 1 C R Z ⋅ = ω () 4 3 20 2 1 R R C Z + ⋅ = ω (12) (13) LC C Vosc Vin R R ϖ ϖ ⋅ ∆ ⋅ = 3 5 (14) |