Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27W512 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M27W512
Description  512 Kbit (64 Kbit x8) low-voltage OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M27W512 Datasheet HTML 14Page - STMicroelectronics M27W512 Datasheet HTML 15Page - STMicroelectronics M27W512 Datasheet HTML 16Page - STMicroelectronics M27W512 Datasheet HTML 17Page - STMicroelectronics M27W512 Datasheet HTML 18Page - STMicroelectronics M27W512 Datasheet HTML 19Page - STMicroelectronics M27W512 Datasheet HTML 20Page - STMicroelectronics M27W512 Datasheet HTML 21Page - STMicroelectronics M27W512 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
M27W512
Revision history
21/22
7
Revision history
Table 14.
Document revision history
Date
Revision
Changes
20-Mar-2000
1.1
FDIP28W Package Dimension, L Max added (Table 12)
TSOP32 Package Dimension changed (Table 13)
0 to 70°C Temperature Range deleted
Speed Classes changed
15-Jun-2001
1.2
Typing error (Table 8)
30-Aug-2002
1.3
Package mechanical data clarified for FDIP28W (Table 12), PDIP28
(Table 13),
PLCC32 (Table 12, Figure 9) and TSOP28 (Table 13, Figure 11)
08-Nov-2004
2.0
Details of ECOPACK lead-free package options added
27-Apr-2007
3
Document reformatted.
FDIP28W and PDIP28 packages removed.
120, 150 and 200ns access times removed from Table 13: Ordering
information scheme.
09-Jun-2008
4
Small text changes. UV range no longer offered (references to UV
removed).
TSOP28 package removed. Package mechanical data in inches
calculated from millimeters and rounded to three decimals (see
Table 12: PLCC32 - 32 lead plastic leaded chip carrier, package
mechanical data).
E and F options and 80 ns speed class removed from Table 13:
Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22