Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6712AD Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce L6712AD
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712AD Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button L6712AD Datasheet HTML 21Page - STMicroelectronics L6712AD Datasheet HTML 22Page - STMicroelectronics L6712AD Datasheet HTML 23Page - STMicroelectronics L6712AD Datasheet HTML 24Page - STMicroelectronics L6712AD Datasheet HTML 25Page - STMicroelectronics L6712AD Datasheet HTML 26Page - STMicroelectronics L6712AD Datasheet HTML 27Page - STMicroelectronics L6712AD Datasheet HTML 28Page - STMicroelectronics L6712AD Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27/29
L6712A L6712
Figure 23. VFQFPN-36 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.800
0.900
1.000
0.031
0.035
0.039
A1
0.020
0.050
0.0008 0.0019
A2
0.650
1.000
0.025
0.039
A3
0.250
0.01
b
0.180
0.230
0.300
0.007
0.009
0.012
D
5.875
6.000
6.125
0.231
0.236
0.241
D2
1.750
3.700
4.250
0.069
0.146
0.167
E
5.875
6.000
6.125
0.231
0.236
0.241
E2
1.750
3.700
4.250
0.069
0.146
0.167
e
0.450
0.500
0.550
0.018
0.020
0.022
L
0.350
0.550
0.750
0.014
0.022
0.029
ddd
0.080
0.003
VFQFPN-36 (6x6x1.0mm)
Very Fine Quad Flat Package No lead
7185332 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29