Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP17NK40ZFP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STP17NK40ZFP
Description  N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP17NK40ZFP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STP17NK40ZFP Datasheet HTML 2Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 3Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 4Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 5Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 6Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 7Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 8Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 9Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
STP17NK40Z - STP17NK40ZFP
L2
L6
¯
L3
12 3
L7
L4
L5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.5
0.045
0.067
F2
1.15
1.5
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
.0385
0.417
L5
2.9
3.6
0.114
0.141
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10