Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE25ABZ-AP Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce LE25ABZ-AP
Description  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE25ABZ-AP Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button LE25ABZ-AP Datasheet HTML 28Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 29Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 30Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 31Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 32Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 33Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 34Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 35Page - STMicroelectronics LE25ABZ-AP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Package mechanical data
LExxAB LExxC
32/39
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39