Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4973 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 19Page - STMicroelectronics L4973 Datasheet HTML 20Page - STMicroelectronics L4973 Datasheet HTML 21Page - STMicroelectronics L4973 Datasheet HTML 22Page - STMicroelectronics L4973 Datasheet HTML 23Page - STMicroelectronics L4973 Datasheet HTML 24Page - STMicroelectronics L4973 Datasheet HTML 25Page - STMicroelectronics L4973 Datasheet HTML 26Page - STMicroelectronics L4973 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
L4973
Order code
25/27
10
Order code
Table 8. Order code
Part number
Package
Packaging
L4973D3.3, E-L4973D3.3
SO-20
Tube
L4973D3.3-013TR, E-L4973D3.3-TR
SO-20
Tape and reel
L4973D5.1
SO-20
Tube
L4973D5.1-013TR
SO-20
Tape and reel
L4973V3.3, E-L4973V3.3
DIP-18
Tube
L4973V5.1, E-L4973V5.1
DIP-18
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27