Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4940V5 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L4940V5
Description  Very low drop 1.5 A regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940V5 Fiches technique(HTML) 4 Page - STMicroelectronics

  L4940V5 Datasheet HTML 1Page - STMicroelectronics L4940V5 Datasheet HTML 2Page - STMicroelectronics L4940V5 Datasheet HTML 3Page - STMicroelectronics L4940V5 Datasheet HTML 4Page - STMicroelectronics L4940V5 Datasheet HTML 5Page - STMicroelectronics L4940V5 Datasheet HTML 6Page - STMicroelectronics L4940V5 Datasheet HTML 7Page - STMicroelectronics L4940V5 Datasheet HTML 8Page - STMicroelectronics L4940V5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Pin configuration
L4940xx
4/23
2
Pin configuration
Figure 2.
Pin connections (top view)
TO-220FP
D2PAK
TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23