Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM723 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce LM723
Description  High precision voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button LM723 Datasheet HTML 13Page - STMicroelectronics LM723 Datasheet HTML 14Page - STMicroelectronics LM723 Datasheet HTML 15Page - STMicroelectronics LM723 Datasheet HTML 16Page - STMicroelectronics LM723 Datasheet HTML 17Page - STMicroelectronics LM723 Datasheet HTML 18Page - STMicroelectronics LM723 Datasheet HTML 19Page - STMicroelectronics LM723 Datasheet HTML 20Page - STMicroelectronics LM723 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
LM723
Package mechanical data
19/21
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 mechanical data
P001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21