Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM350K Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce LM350K
Description  Three-terminal 3 A adjustable voltage regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM350K Fiches technique(HTML) 5 Page - STMicroelectronics

  LM350K Datasheet HTML 1Page - STMicroelectronics LM350K Datasheet HTML 2Page - STMicroelectronics LM350K Datasheet HTML 3Page - STMicroelectronics LM350K Datasheet HTML 4Page - STMicroelectronics LM350K Datasheet HTML 5Page - STMicroelectronics LM350K Datasheet HTML 6Page - STMicroelectronics LM350K Datasheet HTML 7Page - STMicroelectronics LM350K Datasheet HTML 8Page - STMicroelectronics LM350K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM350
Maximum ratings
5/14
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PD
Power dissipation
Internally limited
VI - VO
Input-output voltage differential
35
V
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
lead temperature (Soldering, 10 seconds)
300
°C
TOP
Operating junction temperature range
0 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
1.5
°C/W
RthJA
Thermal resistance junction-ambient
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14