Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM323 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LM323
Description  Three-terminal 3 A adjustable voltage regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LM323_08 Datasheet HTML 7Page - STMicroelectronics LM323_08 Datasheet HTML 8Page - STMicroelectronics LM323_08 Datasheet HTML 9Page - STMicroelectronics LM323_08 Datasheet HTML 10Page - STMicroelectronics LM323_08 Datasheet HTML 11Page - STMicroelectronics LM323_08 Datasheet HTML 12Page - STMicroelectronics LM323_08 Datasheet HTML 13Page - STMicroelectronics LM323_08 Datasheet HTML 14Page - STMicroelectronics LM323_08 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LM323
Package mechanical data
13/15
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
11.85
0.466
B0.96
1.05
1.10
0.037
0.041
0.043
C
1.70
0.066
D
8.7
0.342
E
20.0
0.787
G
10.9
0.429
N
16.9
0.665
P
26.2
1.031
R
3.88
4.09
0.152
0.161
U
39.5
1.555
V
30.10
1.185
TO-3 mechanical data
P003C/C
R
C
D
A
P
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15