Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM335 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce LM335
Description  Precision temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM335 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button LM335 Datasheet HTML 7Page - STMicroelectronics LM335 Datasheet HTML 8Page - STMicroelectronics LM335 Datasheet HTML 9Page - STMicroelectronics LM335 Datasheet HTML 10Page - STMicroelectronics LM335 Datasheet HTML 11Page - STMicroelectronics LM335 Datasheet HTML 12Page - STMicroelectronics LM335 Datasheet HTML 13Page - STMicroelectronics LM335 Datasheet HTML 14Page - STMicroelectronics LM335 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LM135-LM235-LM335
Package information
11/16
6
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
6.1
TO-92 tape & reel package information
Figure 23.
TO-92 tape & reel package mechanical drawing
A1
P
P
T
H
d
D0
F1 F2
P2
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16