Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE30CD-TR Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce LE30CD-TR
Description  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE30CD-TR Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button LE30CD-TR Datasheet HTML 31Page - STMicroelectronics LE30CD-TR Datasheet HTML 32Page - STMicroelectronics LE30CD-TR Datasheet HTML 33Page - STMicroelectronics LE30CD-TR Datasheet HTML 34Page - STMicroelectronics LE30CD-TR Datasheet HTML 35Page - STMicroelectronics LE30CD-TR Datasheet HTML 36Page - STMicroelectronics LE30CD-TR Datasheet HTML 37Page - STMicroelectronics LE30CD-TR Datasheet HTML 38Page - STMicroelectronics LE30CD-TR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Revision history
LExxAB LExxC
38/39
8
Revision history
Table 26.
Document revision history
Date
Revision
Changes
09-Jul-2004
6
IO typ. and max. are changed in tab. 24 and 25 - pag. 14.
16-Mar-2005
7
Add Tape & Reel for TO-92 - Note on Table 3.
12-Feb-2007
8
Change value TOP on Table 2.
26-Jul-2007
9
Add Table 1 in cover page.
29-Nov-2007
10
Modified: Table 25.
12-Feb-2008
11
Modified: Table 25 on page 37.
10-Jul-2008
12
Modified: Table 1 on page 1 and Table 25 on page 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39